PART |
Description |
Maker |
ISC1812BN8R2K ISC1812ES4R7K ISC1812BN1R5J ISC1812E |
General Fixed Inductor, IND,POWDERED IRON,8.2UH,10% TOL,10% -TOL,1812 CASE General Fixed Inductor, 1 ELEMENT, 4.7 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD, CHIP, 1812, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,POWDERED IRON,1.5UH,5% TOL,5% -TOL,1812 CASE General Fixed Inductor, IND,FERRITE,120UH,5% TOL,5% -TOL,1812 CASE General Fixed Inductor, IND,FERRITE,560UH,5% TOL,5% -TOL,1812 CASE General Fixed Inductor, IND,FERRITE,270UH,10% TOL,10% -TOL,1812 CASE General Fixed Inductor, IND,POWDERED IRON,22UH,5% TOL,5% -TOL,1812 CASE ISC-1812 Wirewound, Surface Mount, Molded, Shielded Inductors IND CHIP SHLD/MLD 330NH 5% 25.2MHZ 30Q-FCTR 394MA 1812 - Bulk IND CHIP SHLD/MLD 150NH 20% 25.2MHZ 30Q-FCTR 491MA 1812 - Tape and Reel General Fixed Inductor, IND,POWDERED IRON,10UH,10% TOL,10% -TOL,1812 CASE
|
Vishay Dale
|
B82432-H1332-K B82432H1224K B82432H1222K B82432H12 |
INDUCTOR CHIP3.3UH 1812H INDUCTOR 1812H 220UH INDUCTOR 1812H 2.2UH INDUCTOR 1812H 22UH INDUCTOR CHIP220UH 1812H 电感CHIP220UH 1812H
|
EPCOS AG
|
B82479-A1684-M B82479-A1103-M B82479-A1103-M_1 B82 |
SMT Power Inductors INDUCTOR 220UH 1200MA
|
EPCOS[EPCOS]
|
VN920DSO VN920D-B513TR -VN920D-B513TR |
INDUCTOR, AXIAL, 220UH; Inductor type:Choke; Inductance:220uH; Tolerance, inductance: /-20%; Resistance:2.6R; Current, DC max:0.5A; Frequency INDUCTOR, AXIAL, 100UH; Inductor type:Choke; Inductance:100uH; Tolerance, inductance: /-20%; Resistance:0.65R; Current, DC max:1A; Frequency, resonant:55MHz; Case style:Axial; Material, core:Ferrite; Tolerance, :20%; Tolerance, RoHS Compliant: Yes INDUCTOR, AXIAL, 56UH; Inductor type:Choke; Inductance:56uH; Tolerance, inductance: /-20%; Resistance:0.3R; Current, DC max:1.5A; Frequency, resonant:70MHz; Case style:Axial; Material, core:Ferrite; Tolerance, :20%; Tolerance, RoHS Compliant: Yes
|
意法半导
|
LQH32CH100K23B LQH32CH100K23K LQH32CH100K33B LQH32 |
Chip Inductor for Automotive (Chip Coil for Automotive) Power Inductor (Wire Wound Type for Choke) LQH32C_23/LQH32C_33 Series (1210 Size)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
IHSM4825PJ680L IHSM4825PJ8R2K IHSM4825PJ1R5L IHSM4 |
General Fixed Inductor, 1 ELEMENT, 68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD, ROHS COMPLIANT IND HIGH CURRENT 8.2UH 10% 1KHZ FERRITE 3.3A 4825 - Bulk General Fixed Inductor, 1 ELEMENT, 1.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD, ROHS COMPLIANT General Fixed Inductor, 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD, ROHS COMPLIANT IND HIGH CURRENT 68UH 10% 1KHZ FERRITE 870MA 4825 - Bulk General Fixed Inductor, 1 ELEMENT, 150 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Vishay Dale
|
GRM32DB31E106KA75L |
CAP 10UF 25V 10% B-TC SMD-1210 TR-7-PL SN100 CAPACITOR, CERAMIC, MULTILAYER, 25 V, B, 10 uF, SURFACE MOUNT, 1210
|
Murata Manufacturing Co., Ltd.
|
PUMA67S16000M-025 PUMA2S16000I-45 PUMA67S16000I-45 |
150NS, PLCC, COM TEMP(FLASH) 15NS, 44 PLCC, COM TEMP(EPLD) 30MHZ, 3.3V, 8 LAP, COM TEMP(FPGA) 20NS, 44 PLCC, COM TEMP(EPLD) 150NS, TSOP, IND TEMP(FLASH) 20NS, 44 TQFP, IND TEMP(EPLD) 120NS, SOIC, IND TEMP(EEPROM) 70NS, TSOP, IND TEMP(EEPROM) 15NS, 68 PLCC, IND TEMP(EPLD) 25NS, 68 PLCC, IND TEMP(EPLD) 30MHZ, 32 TQFP, COM TEMP(FPGA) 120NS, PDIP, IND TEMP(EEPROM) 32 MCROCELL CPLD 1.8V ISP TQFP IND GREEN(EPLD) x32 SRAM Module X32号的SRAM模块 90NS, TSOP, IND TEMP(EEPROM) X32号的SRAM模块 120NS, PLCC, IND TEMP(EEPROM)
|
DB Lectro, Inc. TE Connectivity, Ltd.
|
VN6035L |
INDUCTOR 33UH 105MA 1210 10% N沟道增强型立式DMOS功率场效应管 N-Channel Enhancement-Mode Vertical DMOS Power FETs
|
Supertex, Inc. SUTEX[Supertex, Inc]
|
X2864HJ-70 X2864BPI-18 X2864HJ-90 X2864BGM-12 X286 |
10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, SOT23, IND TEMP, GREEN, 1.8V(SERIAL EE) 32M CONFIG FLASH, 44 PLCC, IND(FPGA) 10 MHZ, 8 LAP, IND TEMP(FPGA) 25NS, 24 SOIC, IND TEMP(EPLD) 10MS, 8 TSSOP, EXT TEMP, 2.7V(SERIAL EE) DIE SALE,1.8V, 11MIL(SERIAL EE) 10MHZ, 8 PDIP, IND TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 10MHZ, 44 TQFP, COM TEMP(FPGA) 128Kx8 EEPROM 20NS,CERDIP,883C; LEV B FULLY COMPLIANT(EPLD) 10MHZ, 20 SOIC, COM TEMP, 5K MOQ(FPGA) 10 MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) x8的EEPROM 30MHZ, 3.3V, 8 LAP, COM TEMP(FPGA) x8的EEPROM 10MHZ, 20 PLCC, IND TEMP(FPGA) x8的EEPROM 30MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) x8的EEPROM
|
ITT, Corp. Pericom Technology (Shanghai) CO., Ltd. Diodes, Inc. Electronic Theatre Controls, Inc.
|
B82422-T3820-_ B82422-T1102-_ B82422-T1103-_ B8242 |
INDUCTOR 1210T 270UH Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
|
EPCOS[EPCOS] EPCOS AG
|
SRU6025-100Y SRU6025-150Y SRU6025-151Y SRU6025-220 |
CHOKE, POWER, SHIELDED, 10UH; Inductor type:Shielded Power Choke; Inductance:10uH; Tolerance, inductance:30%; Resistance:57mR; Frequency, resonant:25MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 15UH; Inductor type:Shielded Power Choke; Inductance:15uH; Tolerance, inductance:30%; Resistance:86mR; Frequency, resonant:22MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 150UH; Inductor type:Shielded Power Choke; Inductance:150uH; Tolerance, inductance:30%; Resistance:770mR; Frequency, resonant:5MHz; Case style:SMD Shielded; Q factor:30; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 22UH; Inductor type:Shielded Power Choke; Inductance:22uH; Tolerance, inductance: /-30%; Resistance:130mR; Frequency, resonant:18MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 220UH; Inductor type:Shielded Power Choke; Inductance:220uH; Tolerance, inductance:30%; Resistance:1250mR; Frequency, resonant:4MHz; Case style:SMD Shielded; Q factor:20; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 33UH; Inductor type:Shielded Power Choke; Inductance:33uH; Tolerance, inductance:30%; Resistance:180mR; Frequency, resonant:12MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 4.7UH; Inductor type:Shielded Power Choke; Inductance:4.7uH; Tolerance, inductance: /-30%; Resistance:35mR; Frequency, resonant:42MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 68UH; Inductor type:Shielded Power Choke; Inductance:68uH; Tolerance, inductance: /-30%; Resistance:365mR; Frequency, resonant:8MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes
|
BOURNS INC
|
|